Part Number Hot Search : 
C01IML 2SC4032 S7812 10H301F 2SC403 IDT74FCT EZ240D05 P1022DS
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
KBPC10005 THRU KBPC1010
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT10.0A
FEATURES
*Surge overload ratings-200 Amperes *Low forward voltage drop
KBPC-8/10
.296(7.5) .255(6.5) .042(1.1) DIA. .39(1.0) TYP. .770(19.6) .730(18.5) .520(13.2) .480(12.2) .750 (19.1)
MIN.
MECHANICAL DATA
* Case:Metal or plastic shell with plastic encapsulation *Epoxy: UL 94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: Symbols molded or marked on body *Mounting: Thru hole for 6# screw *Weight: 6.9 grams
HOLE FOR NO. 6 SCREW
.520(13.2) .770(19.6) .480(12.2) .730(18.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL KBPC KBPC KBPC KBPC KBPC KBPC KBPC units
10005 1001 1002 1004 1006 1008 1010
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TC=75C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 5.0A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element
VRRM VRMS VDC Io IFSM VF IR
2
50 35 50
100 70 100
200 140 200
400 280 400 10 250 1.1 10 500
600 420 600
800 560 800
1000 700 1000
V V V A A V A
2
It 166 A Sec I2t Rating for Fusing (t<8.3ms) CJ 200 pF Typical Junction Capacitance (Note 1) Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2. Thermal Resistance from Junction to Ambient and fromjunction to lead mounted on P.C.B. with 0.5x0.5"(13x13mm) copper pads.
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X